Part Number Hot Search : 
RLZ30B CLL4734A SI7625DN 7SZ12 FBI2M4S1 SI7625DN CN100 OP593
Product Description
Full Text Search
 

To Download TSM25N03CPRO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSM25N03
25V N-Channel MOSFET
PRODUCT SUMMARY VDS (V) RDS(on)(m)
25 14 @ VGS = 10V 19 @ VGS = 4.5V
TO-252
Pin Definition: 1. Gate 2. Drain 3. Source
ID (A)
25 25
Features
Advance Trench Process Technology High Density Cell Design for Ultra Low On-resistance
Block Diagram
Application
Load Switch Dc-DC Converters and Motors Drivers
Ordering Information
Part No.
TSM25N03CP RO
Package
TO-252
Packing
2.5Kpcs / 13" Reel N-Channel MOSFET
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @4.5V. Pulsed Drain Current, VGS @4.5V Continuous Source Current (Diode Conduction)
a,b
Symbol
VDS VGS ID IDM IS EAS
o o
Limit
25 20 25 100 20 45 60 23 +150 -55 to +150
Unit
V V A A A mJ W
o o
Single Pulse Drain to Source Avalanche Energy (VDD = 100V, VGS=10V, IAS=2A, L=10mH, RG=25) Maximum Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range Ta = 25 C Ta = 70 C
PD TJ TJ, TSTG
C C
Thermal Performance
Parameter
Lead Temperature (1/8" from case) Junction to Case Thermal Resistance Junction to Ambient Thermal Resistance (PCB mounted) Notes: a. Maximum DC current limited by the package b. Surface Mounted on 1" x 1" FR4 Board, t 10 sec.
Symbol
TL RJC RJA
Limit 10
1.8 40
Unit S
o o
C/W C/W
1/6
Version: A07
TSM25N03
25V N-Channel MOSFET
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Static Drain-Source Breakdown Voltage Gate Threshold Voltage Gate Body Leakage Zero Gate Voltage Drain Current On-State Drain Current Drain-Source On-State Resistance Forward Transconductance Diode Forward Voltage Dynamic
b
Conditions
VGS = 0V, ID = 250uA VDS = VGS, ID = 250uA VGS = 20V, VDS = 0V VDS = 25V, VGS = 0V VDS 5V, VGS = 10V VGS = 4.5V, ID = 25A VGS = 10V, ID = 25A VDS = 15V, ID = 15A IS = 20A, VGS = 0V
Symbol
BVDSS VGS(TH) IGSS IDSS ID(ON) RDS(ON) gfs VSD Qg Qgs Qgd Ciss Coss Crss td(on) tr td(off)
Min
25 1.0 --25 ---------------
Typ
-1.9 ---14.5 9.5 12 0.87 14.7 2.5 3 921 208.7 108.2 20.2 5.9 49.5 16.7
Max
-3.0 100 1.0 -19 14 -1.5 26 ----------
Unit
V V nA uA A m S V
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching
c
VDS = 15V, ID = 25A, VGS = 10V VDS = 15V, VGS = 0V, f = 1.0MHz
nC
pF
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time
VDD = 15V, RL = 15, ID = 1A, VGEN = 10V,
nS
RG = 16 Turn-Off Fall Time tf Notes: a. pulse test: PW 300S, duty cycle 2% b. For DESIGN AID ONLY, not subject to production testing. b. Switching time is essentially independent of operating temperature.
2/6
Version: A07
TSM25N03
25V N-Channel MOSFET
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Output Characteristics Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
3/6
Version: A07
TSM25N03
25V N-Channel MOSFET
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
On-Resistance vs. Gate-Source Voltage Threshold Voltage
Maximum Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
4/6
Version: A07
TSM25N03
25V N-Channel MOSFET
SOT-252 Mechanical Drawing
TO-252 DIMENSION DIM A A1 B C D E F G G1 G2 H I J K L M MILLIMETERS MIN MAX 2.3BSC 4.6BSC 6.80 5.40 6.40 2.20 0.00 5.20 0.75 0.55 0.35 0.90 2.20 0.50 0.90 1.30 7.20 5.60 6.65 2.40 0.20 5.40 0.85 0.65 0.65 1.50 2.80 1.10 1.50 1.70 INCHES MIN MAX 0.09BSC 0.18BSC 0.268 0.213 0.252 0.087 0.000 0.205 0.030 0.022 0.014 0.035 0.087 0.020 0.035 0.051 0.283 0.220 0.262 0.094 0.008 0.213 0.033 0.026 0.026 0.059 0.110 0.043 0.059 0.67
Marking Diagram
Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code
5/6
Version: A07
TSM25N03
25V N-Channel MOSFET
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
6/6
Version: A07


▲Up To Search▲   

 
Price & Availability of TSM25N03CPRO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X